|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High-accuracy detection voltage Low current consumption VOL AGE DETECTOR IC T with adjustable delay time BD52XXG BD53XXG 5 4 1pin : RESET output 2pin : Supply voltage 3pin : GND 4pin : N.C. 5pin : CT BD52XXG/FVE series BD53XXG/FVE series Description BD52XXG/FVE, BD53XXG/FVE are series of high-accuracy detection voltage and low current consumption VOLTAGE DETECTOR ICs adopting CMOS process. New lineup of 152 types with delay time circuit have developed in addition to well-reputed 152 types of VOLTAGE DETECTOR ICs. Any delay time can be established by using small capacitor due to high-resistance process technology. Total 152 types of VOLTAGE DETECTOR ICs including BD52XXG/FVE series (Nch open drain output) and BD53XXG/ FVE series (CMOS output), each of which has 38 kinds in every 0.1V step (2.3~6.0V) have developed. Features 1) Detection voltage: 0.1V step line-up 2.3~6.0V (Typ.) 2) High-accuracy detection voltage:1.5% (Max.) 3) Ultra low current consumption: 0.95A (Typ.) 4) Nch open drain output (BD52XXG/FVE series), CMOS output (BD53XXG/FVE series) 5) Small VSOF5(EMP5), SSOP5(SMP5C2) package Applications Every kind of appliances with microcontroller and logic circuit Application Circuit BD52XXG/FVE VDD VDD VDD VDD 1 2 3 (UNIT:mm) 2.90.2 (5) (4) 2.80.2 1.6 +0.2 -0.1 (1) (2) (3) 1.25MAX 1.1 0.050.05 0.05 0.95 0.42 +0.05 -0.04 0.1 SSOP5(SMP5C2) BD53XXFVE BD53XXFVE 5 1 2 4 3 1.60.05 1.00.05 5 4 1pin : RESET output 2pin : SUB Connect to GND 3pin : CT 4pin : GND 5pin : Supply voltage 0.2MAX 0.130.05 0.08 M 1.60.05 1.20.05 1 2 3 Lot No. 0.6MAX 0.5 0.220.05 VSOF5(EMP5) BD53XXG/FVE VDD Vout Reset Vout Reset Vref Vref GND CT GND CT Pin No. SSOP5(SMP5C2) VSOF5(EMP5) 1 Vout Vout 2 VDD SUB 3 GND CT 4 NC. GND 5 CT VDD 0.2MIN 0.13 +0.05 -0.03 Absolute Maximum Ratings (Ta=25C) Parameter Power supply voltage Output voltage Nch open drain output CMOS output Symbol VDD - GND VOUT VCT Pd Pd Topr Tstg Input voltage of CT Power dissipation:SSOP5(SMP5C2) *1 Power dissipation:VSOF5(EMP5) *2 Operating temperature range Storage temperature range Limits - 0.3 ~ + 10 GND - 0.3 ~ + 10 GND - 0.3 ~ VDD + 0.3 GND - 0.3 ~ VDD + 0.3 540 210 - 40 ~ + 85 - 55 ~ + 125 Unit V V V mW mW C C *1 Derating: 5.4mW/C for operation above Ta=25C.(Mounted on a 70.0mmX70.0mmX16mm glass epoxy PCB.) *2 Derating: 2.1mW/C for operation above Ta=25C.(Mounted on a 70.0mmX70.0mmX16mm glass epoxy PCB.) Electrical characteristics (Unless otherwise noted; Ta=-25~85C) Parameter Detection voltage temperature coefficient *1 Symbol Min. -- Typ. 100 VsX0.05 0.80 0.85 0.90 0.95 0.75 0.80 0.85 0.90 -- 1.2 5.0 1.4 1.8 2.2 -- VDDX0.4 VDDX0.45 VDDX0.5 VDDX0.5 9 40 240 Max. Unit Conditions HL VDET=2.3~3.1V VDET=3.2~4.2V VDD=VDET-0.2V VDET=4.3~5.2V VDET=5.3~6.0V VDET=2.3~3.1V VDET=3.2~4.2V VDD=VDET+2V VDET=4.3~5.2V VDET=5.3~6.0V RL=470k, VOL 0.4V VDS=0.5V, VDD=1.2V VDS=0.5V, VDD=2.4V (VDET2.7V) VDS=0.5V, VDD=4.8V VDET=2.3~4.2V VDS=0.5V, VDD=6.0V VDET=4.3~5.2V VDS=0.5V, VDD=8.0V VDET=5.3~6.0V VDD=VDS=10V VDET=2.3~2.6V VDET=2.7~4.2V VDD=VDETX1.1 VDET=4.3~5.2V VDET=5.3~6.0V VDD=VDETX1.1 VCT=0.1V,VDD=0.95V VCT=0.5V,VDD=1.5V RL=470k, VDD=L Hysteresis voltage Circuit current when ON Circuit current when OFF Min. operating voltage "L" output current "H" output current Output leak current *1 CT pin Threshold voltage Output delay resistance *1 CT pin output current *1 VDET/T VDET VsX0.03 -- -- Icc1 -- -- -- -- Icc2 -- -- VOPL 0.95 0.4 IOL 2.0 0.7 IOH 0.9 1.1 Ileak -- VDDX0.3 VCTH VDDX0.3 VDDX0.35 VDDX0.4 RCT 5.5 15 ICT 150 360 ppm/ C VsX0.08 % 2.40 2.55 A 2.70 2.85 2.25 2.40 A 2.55 2.70 -- V -- mA -- -- mA -- -- 0.1 A VDDX0.6 VDDX0.6 V VDDX0.6 VDDX0.6 12.5 M -- A -- *1 This value is guranteed at Ta=25C. *2 TPLH : VDD=(VDET typ.-0.5V) (VDET typ.+0.5V). Note) RL is not necessary for CMOS output type. Note) Please refer to the detection voltage of Line-up table. Characteristic diagram and Measurement circuit 10 1 Output delay time "L [BD5242G/FVE] H" 40.00 35.00 30.00 Output delay time "H L" [BD5242G/FVE] delay time[s] delay time[s] 0.1 0.01 0.001 0.0001 0.00001 0.000001 0.0001 0.001 0.01 0.1 1 25.00 20.00 15.00 10.00 5.00 0.00 0.0001 0.0010 0.0100 0.1000 1.0000 CT Capacitance [F] 5V RL=100k VDD CT VDET 0.5V GND 100pF VOUT VDET 0.5V CT Capacitance[F] 5V RL=100k VDD CT GND 100pF VOUT Circuit current [BD5242G/FVE] 1.5 18 "L" output current [BD5242G/FVE] 45 40 "H" output current [BD5342G/FVE] 15 35 30 IOL [mA] IOH [mA] 1.0 IDD[A] 10 VDD=2.4V 25 20 15 10 V VDD=8.0 VDD=6.0V 0.5 5 VDD=4.8V VDD=1.2V 0 1 2 3 4 5 VDD[V] 6 7 8 9 10 0 0.5 1 VDS [V] 1.5 2 2.5 5 0 1 2 3 VDS [V] 4 5 6 A VDD VDD CT GND VOUT VDD CT GND VDD VOUT VDD CT GND VDS VDD VOUT VDS A A I/O characteristic 9 8 7 6 4.6 VOUT [V] VDET [V] 5 4 3 2 1 0 0.5 Ta=25C 3.4 Ta=25C 1 1.5 2 2.5 3 VDD[V] 3.5 4 4.5 5 5.5 -40 Detection voltage 5.4 Timing waveform VDD VDD VDET+VDET VDET [BD5242G/FVE] [BD5242G/FVE] 5.0 low to high(VDET+VDET) 4.2 VOUT high to low(VDET) 0V VOH TPLH TPHL TPLH VOL 3.8 0 Ta [C] 50 90 VDD VDD CT GND VOUT RL=470K VDD CT VDD VOUT GND RL=470K V V Part number and Marking of samples BD52XXG/BD53XXG : SSOP5 (SMP5C2) Marking Voltage PW PV PU PT PS PR PQ PP PN PM PL PK PJ PH PG PF PE PD PC 6.0V 5.9V 5.8V 5.7V 5.6V 5.5V 5.4V 5.3V 5.2V 5.1V 5.0V 4.9V 4.8V 4.7V 4.6V 4.5V 4.4V 4.3V 4.2V Part No. BD5260 BD5259 BD5258 BD5257 BD5256 BD5255 BD5254 BD5253 BD5252 BD5251 BD5250 BD5249 BD5248 BD5247 BD5246 BD5245 BD5244 BD5243 BD5242 Marking Voltage PB PA MV MU MT MS MR MQ MP MN MM ML MK MJ MH MG MF ME MD 4.1V 4.0V 3.9V 3.8V 3.7V 3.6V 3.5V 3.4V 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V Part No. BD5241 BD5240 BD5239 BD5238 BD5237 BD5236 BD5235 BD5234 BD5233 BD5232 BD5231 BD5230 BD5229 BD5228 BD5227 BD5226 BD5225 BD5224 BD5223 Marking Voltage RW RV RU RT RS RR RQ RP RN RM RL RK RJ RH RG RF RE RD RC 6.0V 5.9V 5.8V 5.7V 5.6V 5.5V 5.4V 5.3V 5.2V 5.1V 5.0V 4.9V 4.8V 4.7V 4.6V 4.5V 4.4V 4.3V 4.2V Part No. BD5360 BD5359 BD5358 BD5357 BD5356 BD5355 BD5354 BD5353 BD5352 BD5351 BD5350 BD5349 BD5348 BD5347 BD5346 BD5345 BD5344 BD5343 BD5342 Marking Voltage RB RA QV QU QT QS QR QQ QP QN QM QL QK QJ QH QG QF QE QD 4.1V 4.0V 3.9V 3.8V 3.7V 3.6V 3.5V 3.4V 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V Part No. BD5341 BD5340 BD5339 BD5338 BD5337 BD5336 BD5335 BD5334 BD5333 BD5332 BD5331 BD5330 BD5329 BD5328 BD5327 BD5326 BD5325 BD5324 BD5323 (5) (4) (1) (2) (3) Marking Lot.No BD52XXFVE/BD53XXFVE : VSOF5 (EMP5) (5) (4) (1) (2) (3) Lot.No Marking Line-up Detection Nch open drain output voltage ( BD52XXG/FVE ) VDET 6.0V BD5260G/FVE 5.9V 5.8V 5.7V 5.6V 5.5V 5.4V 5.3V 5.2V 5.1V 5.0V 4.9V 4.8V 4.7V 4.6V 4.5V 4.4V 4.3V 4.2V 4.1V 4.0V 3.9V 3.8V 3.7V 3.6V 3.5V 3.4V 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V BD5259G/FVE BD5258G/FVE BD5257G/FVE BD5256G/FVE BD5255G/FVE BD5254G/FVE BD5253G/FVE BD5252G/FVE BD5251G/FVE BD5250G/FVE BD5249G/FVE BD5248G/FVE BD5247G/FVE BD5246G/FVE BD5245G/FVE BD5244G/FVE BD5243G/FVE BD5242G/FVE BD5241G/FVE BD5240G/FVE BD5239G/FVE BD5238G/FVE BD5237G/FVE BD5236G/FVE BD5235G/FVE BD5234G/FVE BD5233G/FVE BD5232G/FVE BD5231G/FVE BD5230G/FVE BD5229G/FVE BD5228G/FVE BD5227G/FVE BD5226G/FVE BD5225G/FVE BD5224G/FVE BD5223G/FVE CMOS output ( BD53XXG/FVE ) BD5360G/FVE BD5359G/FVE BD5358G/FVE BD5357G/FVE BD5356G/FVE BD5355G/FVE BD5354G/FVE BD5353G/FVE BD5352G/FVE BD5351G/FVE BD5350G/FVE BD5349G/FVE BD5348G/FVE BD5347G/FVE BD5346G/FVE BD5345G/FVE BD5344G/FVE BD5343G/FVE BD5342G/FVE BD5341G/FVE BD5340G/FVE BD5339G/FVE BD5338G/FVE BD5337G/FVE BD5336G/FVE BD5335G/FVE BD5334G/FVE BD5333G/FVE BD5332G/FVE BD5331G/FVE BD5330G/FVE BD5329G/FVE BD5328G/FVE BD5327G/FVE BD5326G/FVE BD5325G/FVE BD5324G/FVE BD5323G/FVE Detection voltage VDET ( V )Ta=25C Min. 5.910 5.812 5.713 5.615 5.516 5.418 5.319 5.221 5.122 5.024 4.925 4.827 4.728 4.630 4.531 4.433 4.334 4.236 4.137 4.039 3.940 3.842 3.743 3.645 3.546 3.448 3.349 3.251 3.152 3.054 2.955 2.857 2.758 2.660 2.561 2.463 2.364 2.266 Typ. 6.000 5.900 5.800 5.700 5.600 5.500 5.400 5.300 5.200 5.100 5.000 4.900 4.800 4.700 4.600 4.500 4.400 4.300 4.200 4.100 4.000 3.900 3.800 3.700 3.600 3.500 3.400 3.300 3.200 3.100 3.000 2.900 2.800 2.700 2.600 2.500 2.400 2.300 Max. 6.090 5.989 5.887 5.786 5.684 5.583 5.481 5.380 5.278 5.177 5.075 4.974 4.872 4.771 4.669 4.568 4.466 4.365 4.263 4.162 4.060 3.959 3.857 3.756 3.654 3.553 3.451 3.350 3.248 3.147 3.045 2.944 2.842 2.741 2.639 2.538 2.436 2.335 Hysteresis voltage ( V, Typ. ) Package SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) SSOP5(SMP5C2)/VSOF5(EMP5) VDETX 0.05 |
Price & Availability of BD5233GFVE |